PART |
Description |
Maker |
CXA2676GA CXA2677 CXA2677GA |
Optical Pickup Chipset with CD/DVD Recording Photodetector IC (PDIC) Supports High-Speed Writing to both CD and DVD Media 激光头芯片组的CD / DVD刻录光探测器芯片(PDIC公司)支持高速写入两个CD和DVD介质 Optical Pickup Chipset with CD/DVD Recording Photodetector IC (PDIC) Supports High-Speed Writing to both CD and DVD Media 激光头芯片组的CD / DVD刻录光探测器芯片(PDIC公司)支持高速写入两CD和DVD介质
|
Sony, Corp. SONY[Sony Corporation]
|
MLX75012 |
10-Channel High-Speed Universal PDIC
|
Melexis Microelectronic Systems
|
SP8050A |
8 Channel / 150MHz Fully Integrated PDIC Receiver with Gain Switching 8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching 8 Channel 150MHz Fully Integrated PDIC Receiver with Gain Switching
|
SIPEX[Sipex Corporation]
|
BB6390KU |
Control IC for CD-R/RW, DVD+R/RW, DVD-RAM drive
|
ROHM[Rohm]
|
DA-3380 |
DVD-RAM MASTERING GENERATOR
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
HL6504FM |
Visible High Power Laser Diode for DVD-RAM
|
HITACHI[Hitachi Semiconductor]
|
RLD65MZT2 |
Laser Diodes > For DVD, DVD-ROM, Sensor, Barcode-reader > For DVD-Movie, DVD-ROM, Sensor, Barcode-reader
|
ROHM
|
IS1640 |
OPIC Light Detector for DVD-ROM/DVD Player (2X Speed)
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
UPD16857 UPD16857GS |
DVD-RAM actuator driver MONOLITHIC 6 channel H-BRIDGE DRIVER
|
NEC[NEC]
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
HM6288P-35 |
Static RAM, Dynamic RAM, Video RAM - Short Form Datasheets
|
N/A
|